Part Number Hot Search : 
480515T SST440 ZHCS750 BC1602K1 2SC2706 SST440 UPC554 LF441C
Product Description
Full Text Search
 

To Download 390SS011M32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-011 Splash-Proof EMI/RFI Cable Sealing Backshell
Light-Duty with Strain Relief Type C - Rotatable Coupling - Low Profile
390 F S 011 M 16 05 L 6
39
CONNECTOR DESIGNATORS
Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length * A Thread (Table I)
A-F-H-L-S
ROTATABLE COUPLING TYPE C OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (L, G) Cable Entry (Table IV) Shell Size (Table I) Finish (Table II) .312 (7.9) Max * Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) G
(Table III)
O-Rings
C Typ. (Table I)
E STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
(Table III)
F (Table III)
H (Table III)
STYLE 2 (45 & 90 See Note 1)
Now Available with the NESTOR
Glenair's Non-Detent, Spring-Loaded, SelfLocking Coupling. Add "-445" to Specify This AS85049 Style "N" Coupling Interface.
STYLE L Light Duty (Table IV) .850 (21.6) Max
STYLE G Light Duty (Table IV) .072 (1.8) Max
Cable Range
Cable Range
K
L
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 38
Light-Duty with Strain Relief Type C - Rotatable Coupling - Low Profile
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 E Max .520 .582 .645 .738 .926 .926 1.020 1.020 1.145 1.207 1.238 (13.2) (14.8) (16.4) (18.7) (23.5) (23.5) (25.9) (25.9) (29.1) (30.7) (31.4) F Max 1.748 1.808 1.898 2.008 2.198 2.198 2.348 2.348 2.398 2.498 2.588 (44.4) (45.9) (48.2) (51.0) (55.8) (55.8) (59.6) (59.6) (60.9) (63.4) (65.7) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.698 (43.1) 1.818 (46.2) 1.838 (46.7) 1.908 (48.5) 1.998 (50.7) 2.168 (55.1) 2.168 (55.1) 2.278 (57.9) 2.278 (57.9) 2.448 (62.2) 2.698 (68.5) 2.698 (68.5)
Dash No. 01 02 03 04 05 06 07 08 09 10
K Max .781 (19.8) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8)
TABLE IV: CABLE ENTRY Cable L Min Max .062 (1.6) .593 (15.1) .125 (3.2) .718 (18.2) .250 (6.4) .843 (21.4) .375 (9.5) .968 (24.6) .500 (12.7) 1.109 (28.2) .625 (15.9) 1.218 (30.9) .750 (19.1) 1.343 (34.1) .875 (22.2) 1.468 (37.3) 1.593 (40.5) 1.000 (25.4) 1.718 (43.6) 1.125 (28.6)
Range Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Interface O-Ring not supplied with Connector Designator A.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 39
39
390-011 Splash-Proof EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS011M32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X